Part Number Hot Search : 
03007 CA10P X22C12S MM3Z10VS PQ1LAX95 6M182 CDB4265 03007
Product Description
Full Text Search
 

To Download ZM4741 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZM4728 THRU ZM4764
ZENER DIODES
MELF
FEATURES
Silicon Planar Power Zener Diodes For use in stabilizing and clipping circuits with high power rating. Standard Zener voltage tolerance is 10%. Add suffix "A" for 5% tolerance. Other Zener voltages and tolerances are available upon request. These diodes are also available in DO-41 case with the type designation 1N4728 ... 1N4764.
Cathode Mark
.102 (2.6) .094 (2.4) .022 (0.55) .205 (5.2) .189 (4.8)
Dimensions are in inches and (millimeters)
MECHANICAL DATA
Case: MELF Glass Case Weight: approx. 0.25 g
MAXIMUM RATINGS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOL
VALUE
UNIT
Zener Current (see Table "Characteristics") Power Dissipation at Tamb = 25C Junction Temperature Storage Temperature Range Ptot Tj TS 1.0(1) 150 - 65 to +150 Watts C C
Characteristics at Tamb = 25 C
SYMBOL MIN. TYP. MAX. UNIT
Thermal Resistance Junction to Ambient Air Forward Voltage at IF = 200 mA
RthJA
-
-
170(1)
C/W
VF
-
-
1.2
Volts
NOTES: (1) Valid provided that electrodes are kept at ambient temperature
12/16/98
ZM4728 THRU ZM4764
ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
Type ZM4728 ZM4729 ZM4730 ZM4731 ZM4732 ZM4733 ZM4734 ZM4735 ZM4736 ZM4737 ZM4738 ZM4739 ZM4740 ZM4741 ZM4742 ZM4743 ZM4744 ZM4745 ZM4746 ZM4747 ZM4748 ZM4749 ZM4750 ZM4751 ZM4752 ZM4753 ZM4754 ZM4755 ZM4756 ZM4757 ZM4758 ZM4759 ZM4760 ZM4761 ZM4762 ZM4763 ZM4764
Nominal Zener voltage(3) at IZT VZ (V) 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100
Test current
Maximum Zener impedance(1)
Maximum reverse leakage current at VR (V) 1.0 1.0 1.0 1.0 1.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 7.6 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56.0 62.2 69.2 76.0
Surge current at TA = 25C IR (mA) 1380 1260 1190 1070 970 890 810 730 660 605 550 500 454 414 380 344 304 285 250 225 205 190 170 150 135 125 115 110 95 90 80 70 65 60 55 50 45
IZT (mA) 76 69 64 58 53 49 45 41 37 34 31 28 25 23 21 19 17 15.5 14 12.5 11.5 10.5 9.5 8.5 7.5 7.0 6.5 6.0 5.5 5.0 4.5 4.0 3.7 3.3 3.0 2.8 2.5
ZZT at IZT () 10 10 9 9 8 7 5 2 3.5 4.0 4.5 5.0 7 8 9 10 14 16 20 22 23 25 35 40 45 50 60 70 80 95 110 125 150 175 200 250 350
ZZK () 400 400 400 400 500 550 600 700 700 700 700 700 700 700 700 700 700 700 750 750 750 750 750 1000 1000 1000 1000 1500 1500 1500 2000 2000 2000 2000 3000 3000 3000
at IZK (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
Maximum regulator current(2) IZM (mA) 276 252 234 217 193 178 162 146 133 121 110 100 91 83 76 69 61 57 50 45 41 38 34 30 27 25 23 22 19 18 16 14 13 12 11 10 9
IR (A) 100 100 50 10 10 10 10 10 10 10 10 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
NOTES: (1) The Zener impedance is derived from the 1KHZ AC voltage which results when an AC current having an RMS value equal to 10% of the Zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a sharp knee on the breakdown curve and to eliminate unstable units (2) Valid provided that electrodes at a distance of 10mm from case are kept at ambient temperature (3) Measured under thermal equilibrium and DC test conditions
RATINGS AND CHARACTERISTIC CURVES ZM4728 THRU ZM4764
ZM4728...ZM4764


▲Up To Search▲   

 
Price & Availability of ZM4741

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X